Part Number Hot Search : 
06K19FKE MKW3022 MC936 BAT54 A5940 BAT54 UPD75512 HCPL7800
Product Description
Full Text Search
 

To Download IXYK120N120B3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2015 ixys corporation, all rights reserved IXYK120N120B3 ixyx120n120b3 v ces = 1200v i c110 = 120a v ce(sat) ??? ??? ??? ??? ??? ? ? ? ? ? 2.2v t fi(typ) = 260ns ds100646(02/15) high-speed igbt for 10-30 khz switching features ? square rbsoa ? international standard packages ? positive thermal coefficient of vce(sat) ? avalanche rated ? high current handling capability advantages ? high power density ? low gate drive requirement applications ? high frequency power inverters ? ups ? motor drives ? smps ? pfc circuits ? battery chargers ? welding machines ? lamp ballasts symbol test conditions characteristic values (t j = 25 ? c, unless otherwise specified) min. typ. max. bv ces i c = 250 ? a, v ge = 0v 1200 v v ge(th) i c = 1ma, v ce = v ge 3.0 5.0 v i ces v ce = v ces , v ge = 0v 25 ? a t j = 150 ? c 1.5 ma i ges v ce = 0v, v ge = ? 20v ?????????????? 200 na v ce(sat) i c = 100a, v ge = 15v, note 1 1.8 2.2 v t j = 150 ? c 2.4 v symbol test conditions maximum ratings v ces t j = 25c to 175c 1200 v v cgr t j = 25c to 175c, r ge = 1m ? 1200 v v ges continuous 20 v v gem transient 30 v i c25 t c = 25c (chip capability) 320 a i lrms terminal current limit 160 a i c110 t c = 110c 120 a i cm t c = 25c, 1ms 800 a i a t c = 25c 60 a e as t c = 25c 2 j ssoa v ge = 15v, t vj = 150c, r g = 1 ? i cm = 240 a (rbsoa) clamped inductive load v ce ? v ces p c t c = 25c 1500 w t j -55 ... +175 c t jm 175 c t stg -55 ... +175 c t l maximum lead temperature for soldering 300 c t sold 1.6 mm (0.062in.) from case for 10s 260 c m d mounting torque (to-264) 1.13/10 nm/lb.in f c mounting force (plus247) 20..120 /4.5..27 n/lb weight to-264p 10 g plus247 6 g 1200v xpt tm igbt genx3 tm advance technical information g = gate e = emitter c = collector tab = collector to-264p (ixyk) plus247 (ixyx) g tab e c g e g c tab
ixys reserves the right to change limits, test conditions, and dimensions. IXYK120N120B3 ixyx120n120b3 ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,860,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 notes: 1. pulse test, t ? 300 s, duty cycle, d ? 2%. 2. switching times & energy losses may increase for higher v ce (clamp), t j or r g . symbol test conditions characteristic values (t j = 25c unless otherwise specified) min. typ. max. g fs i c = 60a, v ce = 10v, note 1 40 70 s c ie s 9800 pf c oes v ce = 25v, v ge = 0v, f = 1mhz 567 pf c res 215 pf q g(on) 400 nc q ge i c = i c110 , v ge = 15v, v ce = 0.5 ? v ces 70 nc q gc 190 nc t d(on) 30 ns t ri 54 ns e on 9.7 mj t d(off) 340 ns t fi 260 ns e of f 21.5 mj t d(on) 29 ns t ri 55 ns e on 14.7 mj t d(off) 420 ns t fi 406 ns e off 27.9 mj r thjc 0.10 c/w r thcs 0.15 c/w inductive load, t j = 25c i c = 100a, v ge = 15v v ce = 0.8 ? v ces , r g = 1 ? note 2 inductive load, t j = 150c i c = 100a, v ge = 15v v ce = 0.8 ? v ces , r g = 1 ? note 2 advance technical information the product presented herein is under development. the technical specifications offered are derived from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a "considered reflection" of the anticipated result. ixys reserves the right to change limits, test conditions, and dimensions without notice. to-264p outline terminals: 1 = gate 2,4 = collector 3 = emitter terminals: 1 - gate 2,4 - collector 3 - emitter plus247 tm outline


▲Up To Search▲   

 
Price & Availability of IXYK120N120B3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X